Electronic Components Datasheet Search
  English  ▼

X  

KPC410 Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPC410
Description  Super High Speed Response Photocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC410 Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPC410 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC410 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC410 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC410 Datasheet HTML 4Page - COSMO  Electronics Corporation KPC410 Datasheet HTML 5Page - COSMO  Electronics Corporation KPC410 Datasheet HTML 6Page - COSMO  Electronics Corporation KPC410 Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRODUCT
SPECIFICATION
DATE: 08/14/2008
NO. 61P04029
REV
cosmo
ELECTRONICS CORPORATION
Photocoupler :
KPC410
SHEET 3 OF 7
2
●
Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Forward current
(*1)
IF
25
mA
Peak forward current (*2)
IFM
40
mA
Reverse voltage
VR
5
V
Input
Power dissipation
PD
45
mW
Supply voltage
VCC
7
V
High level output voltage
VOIL
7
V
Low level output current
IOL
50
mA
Output
Output collector power dissipation
PC
85
mW
Isolation voltage 1 minute (*3)
Viso
2500
Vrms
Operating temperature
Topr
-40 to +85
℃
Storage temperature
Tstg
-55 to +125
℃
Soldering temperature 10 second
Tsol
260
℃
●
Electro-optical Characteristics
( Ta= 0 to+ 85°C unless otherwise specified)
Parameter
Symbol
Conditions
MIN. TYP. MAX. Unit
Input forward voltage (*4)
VF
IF=10mA,Ta=25℃
–
1.6
1.75
V
Input reverse voltage
BVR IR=10uA,Ta=25℃
5
–
-
V
Input capacitance
CIN
VF=0, f=1MHZ
–
60
-
pF
Logic (1) output current
IOH
VCC=3.3V,VO=5.5V,IF=250uA
-
2
250
uA
Logic (0) output voltage
VOL
VCC=3.3V,IF=5mA,
IOL(Sinking)=13mA
-
0.4
0.6
V
Logic (1) supply current
ICCH VCC=3.3V,IF=0mA
-
7
15
mA
Logic (0) supply current
ICCL VCC=3.3V,IF=10mA
-
13
18
mA
Leak current (*5)
II-O
45%RH,Ta=25℃,t=5s,VI-O=3000VDC
–
-
1.0
mA
Isolation resistance (input-output) (*5)
RI-O VI-O=500V, Ta=25℃
-
10
12
-
Ω
Capacitance (input-output )
(*5)
CI-O f=1MHZ, Ta=25℃
-
0.6
-
pF
Propagation delay time
Output (0)
(1) (*6)
tPLH
-
45
100
ns
Propagation delay time
Output (1)
(0) (*6)
tPHL
IF=7.5mA,VCC=3.3V,RL=350Ω,
CL=15pF,Ta=25℃
-
45
75
ns
Output rise-fall time (10 to 90%)
tr,tf
IF=7.5mA,VCC=3.3V,RL=350
–
30
-
ns
Instantaneous common mode
rejection voltage
“output(0)” (*7)
CMH
IF=0mA,
VCM=10V,VO(Min)=2.0V
RL=350Ω
-
500
-
V/us
Instantaneous common mode
rejection voltage
“output(1)” (*7)
CML
IF=5mA,
VCM=10V,VO(Max)=0.8V
RL=350Ω
-
-500
-
V/us



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com