Electronic Components Datasheet Search
  English  ▼

X  

KPC410 Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPC410
Description  Super High Speed Response Photocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC410 Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPC410 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC410 Datasheet HTML 2Page - COSMO  Electronics Corporation KPC410 Datasheet HTML 3Page - COSMO  Electronics Corporation KPC410 Datasheet HTML 4Page - COSMO  Electronics Corporation KPC410 Datasheet HTML 5Page - COSMO  Electronics Corporation KPC410 Datasheet HTML 6Page - COSMO  Electronics Corporation KPC410 Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRODUCT
SPECIFICATION
DATE: 08/14/2008
NO. 61P04029
REV
cosmo
ELECTRONICS CORPORATION
Photocoupler :
KPC410
SHEET 4 OF 7
2
Note ) Typical values are all at Vcc = 3.3V, Ta= 25°C
*1 Ta=0 to 70°C.
*2 Pulse width <= 1ms
*3 40 to 80%RH AC for 1 minute ,f=60HZ.
*4 At Iin =10mA, VF decreases at the rate of 1.6mV/°C if the temperature goes up.
*5 Measured as 2-pin element. Connect pins 2 and 3, connect pins 5, 6, 7 and 8.
*6 Refer to the Fig. 1.
*7 CMH represents a common mode voltage ignorable rise time ratio that can hold logic (1) state in output.
CML represents a common mode voltage ignorable fall time ratio that can hold logic (0) state in output.
●
Recommmended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Low level input current
IFL
0
250
uA
High level input current
IFH
7.0
15
mA
Supply voltage
VCC
4.5
5.5
V
Fanout (TTL load )
N
-8
-
Operating temperature
Topr
-40
85
℃
Circuit Block Diagram
Vcc
Vo
GND
Anode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com