Electronic Components Datasheet Search
  English  ▼

X  

HDF4177 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF4177
Description  SAW FILTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4177 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF4177 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF4177 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF4177 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF4177 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4177 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAW FILTER
HDF4177
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 5
1 Features
·SAW Filter
·ROHS Compliant
·Leadless Surface Mount
·Application in CDMA Base Station
2
Techniacl Characteristics
Parameter
Min
(1)
Typ
(1)
Max
(1)
Units
Cpk
Center Frequency ( f0 )
177
MHz
1dB Pass Bandwidth
(6)
20
20
MHz
Insertion Loss (Passband)
(2)
8
9
dB
Insertion Loss (Passband) Variation Over
Operating Temperature Range
1
dB
Passband Ripple (Passband)
(4)
1.0
1.2
dB p-p
10 MHz to 149 MHz
40
Rejection
(3)
209 MHz to 350 MHz
40
dBc
Absolute Delay at Passband
0.40
us
Group Delay Variation (Passband)
70
80
ns p-p
Input Impedance
50
(2)
ohm
Output Impedance
50
(2)
ohm
Input VSWR
(2)
6.0
8.0
dB
Ouput VSWR
(2)
6.0
8.0
dB
Operating Temperature Range
-40
25
85
oC
Notes:
(1) Typical values are norminal performances at room temperature, minimum and maximum values
take into account the variations over the temperature range and the variations of standard
matching elements (±5% for inductors and capacitors).
(2) With external matching networks.
(3) The amplitude of rejection is as the maximum insertion loss for reference.
(4) The Passband Ripple is defined as the maximum level minus minimum level over the Passband.
(5) All the electrical specifications must be satisfied over operating temperature range.
(6) If the rejections can be ensured, the passband should be as wider as possible.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com