Electronic Components Datasheet Search
  English  ▼

X  

HDF4177 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF4177
Description  SAW FILTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4177 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF4177 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF4177 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF4177 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF4177 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4177 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW FILTER
HDF4177
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 5
L1=125.6nH
L2=120 nH
C1=14 pF
C2=20pF
3
Absolute Maximum Ratings
Parameter
Ratings
Operating Temperature Range
-40~85
oC
Storage Temperature
-50~125
oC
DC Voltage
0V
Max.Input CW Power (Continuous stress)
10dBm
ESD Class (Human Body Model)
Voltage Supported (Human Body Model)
ESD Class (Charged Device Model)
Voltage Supported (Charged Device Model)
1A
250V
5C
1000V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com