Electronic Components Datasheet Search
  English  ▼

X  

6N138 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # 6N138
Description  Property of Lite-On Only
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

6N138 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  6N138 Datasheet HTML 1Page - Lite-On Technology Corporation 6N138 Datasheet HTML 2Page - Lite-On Technology Corporation 6N138 Datasheet HTML 3Page - Lite-On Technology Corporation 6N138 Datasheet HTML 4Page - Lite-On Technology Corporation 6N138 Datasheet HTML 5Page - Lite-On Technology Corporation 6N138 Datasheet HTML 6Page - Lite-On Technology Corporation 6N138 Datasheet HTML 7Page - Lite-On Technology Corporation 6N138 Datasheet HTML 8Page - Lite-On Technology Corporation 6N138 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of Lite-on Only
Part No. : 6N138 / 6N139 series
Page : 1
of 15
BNS-OD-C131/A4
Description
These high gain series couplers use a light
emitter diode and an integrated high gain
photo detector to provide extremely high
current transfer ratio between input and
output. Separate pins for the photodiode and
output stage result in TTL compatible
saturation voltage and high speed operation.
Where desired the Vcc and Vo terminals
may be tied together to achieve conventional
photo darlington operation. A base access
terminal allows a gain bandwidth adjustment
to be made.
Dec.2008
Functional Diagram
NC
ANODE
Cathode
NC
VO
VB
GND
VCC
Truth Table (Positive Logic)
LED
OUT
ON
L
OFF
H
A 0.1µF bypass Capacitor must
be connected between Pin8 and
Pin5
6N138 / 6N139
APPLICATIONS
•
Digital logic ground isolation
•
Low input current line receiver
•
Telephone ring detector
•
EIA-RS-232C line receiver
•
Current loop receiver
•
High common mode noise line
receiver
Features
• High current transfer ratio – 2000%
typical.
• Low input current requirements – 0.5mA
• High output current – 60mA
• CTR guarantee – 0~70℃.
• Instantaneous common mode rejection
10KV/μsec
• TTL compatible output – 0.1V V
OL typical
• UL, CSA approved.
6N138, 6N139
Single Channel, High Speed Optocouplers


Similar Part No. - 6N138

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N138 TOSHIBA-6N138 Datasheet
260Kb / 5P
IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Sharp Corporation
6N138 SHARP-6N138 Datasheet
67Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results

Similar Description - 6N138

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com