Electronic Components Datasheet Search
  English  ▼

X  

6N138 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # 6N138
Description  Property of Lite-On Only
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

6N138 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button 6N138 Datasheet HTML 6Page - Lite-On Technology Corporation 6N138 Datasheet HTML 7Page - Lite-On Technology Corporation 6N138 Datasheet HTML 8Page - Lite-On Technology Corporation 6N138 Datasheet HTML 9Page - Lite-On Technology Corporation 6N138 Datasheet HTML 10Page - Lite-On Technology Corporation 6N138 Datasheet HTML 11Page - Lite-On Technology Corporation 6N138 Datasheet HTML 12Page - Lite-On Technology Corporation 6N138 Datasheet HTML 13Page - Lite-On Technology Corporation 6N138 Datasheet HTML 14Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of Lite-on Only
SWITCHING SPECIFICATIONS (AC)
TA=0~70℃, Vcc=5V, unless otherwise specified.
Part No. : 6N138 / 6N139 series
Page : 10
of 15
BNS-OD-C131/A4
Parameter
Test Condition
Symbol
Device
Min
Typ
Max
Units
IF=1.6mA; RL= 2.2kΩ
6N138
-
1.6
10
IF=0.5mA; RL=4.7KΩ
-
5
25
Propagation Delay Time to
Low Output Level
IF=12mA; RL=270Ω
tPHL
6N139
-
0.1
1
μs
IF=1.6mA; RL= 2.2kΩ
6N138
-
10
35
IF=0.5mA; RL=4.7KΩ
-
18
60
Propagation Delay Time to
High Output Level
IF=12mA; RL=270Ω
tPLH
6N139
-
2
7
μs
KV/µs
Logic High Common Mode
Transient Immunity
IF=0mA; |VCM|=10Vp-p
RL=2.2KΩ
|CMH|
6N138
6N139
1
10
-
KV/µs
KV/µs
Logic Low Common Mode
Transient Immunity
IF=1.6mA;
|VCM|=10Vp-p RL=2.2K
Ω
|CML|
6N138
6N139
1
10
-
KV/µs
*All Typical at TA =25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com