Electronic Components Datasheet Search
  English  ▼

X  

ASDL-3023 Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # ASDL-3023
Description  IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-3023 Datasheet(HTML) 6 Page - Lite-On Technology Corporation

Back Button ASDL-3023 Datasheet HTML 2Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 3Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 4Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 5Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 6Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 9Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 10Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image

Recommended Operating Conditions
Parameter
Symbol Min.
Typ.
Max.
Units
Conditions
OperatingTemperature
TA
-25
+85
°C
SupplyVoltage
VCC
2.4
3.6
V
Input/OutputVoltage
IOVCC
1.5
3.6
V
LogicInputVoltageforTXD,
SD/Mode
LogicHigh
VIH
IOVcc-0.5
IOVcc
V
LogicLow
VIL
0
0.4
V
ReceiverInputIrradiance
LogicHigh
EIH
0.0090
0.0225
500
500
mW/cm2 Forin-bandsignals≤
115.2kbit/s[3]
0.576Mbit/s≤in-band
signals≤4.0Mbit/s[3]
LogicLow
EIL
0.3
mW/cm2 Forin-bandsignals[3]
IRLED(LogicHigh)Current
PulseAmplitude–SIRMode
ILEDA
65
mA
IRLED(LogicHigh)Current
PulseAmplitude–MIR/FIR
Mode
ILEDA
150
mA
RCLED(LogicHigh)Current
PulseAmplitude
ILEDA
250
mA
ReceiverDataRate
0.0096
4.0
Mbit/s
AmbientLight
SeeIrDASerialInfrared
PhysicalLayerLink
Specification,AppendixA
forambientlevels
Note:
3. Anin-bandopticalsignalisapulse/sequencewherethepeakwavelength,lp,isdefinedas850≤lp≤900nm,andthepulsecharacteristicsare
compliantwiththeIrDASerialInfraredPhysicalLayerLinkSpecificationv1.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com