Electronic Components Datasheet Search
  English  ▼

X  

ASDL-3023 Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # ASDL-3023
Description  IrDA??Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

ASDL-3023 Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button ASDL-3023 Datasheet HTML 4Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 5Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 6Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 7Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 8Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 9Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 10Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 11Page - Lite-On Technology Corporation ASDL-3023 Datasheet HTML 12Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image

Remote Control (RC) Transmitter
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
RCRadiantIntensity
IEH
80
mW/sr
RC_ILEDA=250mA,
q1/2≤15°,TxD_RC≥VIH,TA=25°C
RCViewingAngle
2q1/2
30
60
°
RCPeakWavelength
lP
880
885
900
nm
TxD_RCLogicLevels
High
VIH
IOVcc-0.5
IOVCC
V
Low
VIL
0
0.5
V
TxD_RCInputCurrent
High
IH
0.02
1
mA
VI≥VIH
Low
IL
-0.02
1
mA
0≤VI≤VIL
RCLEDAnodeOn-State
Voltage
VON
(RC_LEDA)
2
V
RC_ILEDA=250mA,RCVLED=3.6V,
R=4.7W,VI(TxD_RC)≥VIH
Transceiver
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
InputCurrent
High
IH
0.01
1
mA
VI≥VIH
Low
IL
-1
-0.02
1
mA
0≤VI≤VIL
SupplyCurrent
Shutdown
ICC1
1
mA
VSD≥IOVCC-0.5,TA=25°C
Idle
(Standby)
ICC2
2.0
2.9
mA
VI(TxD)≤VIL,EI=0
Active
ICC3
3.5
mA
VI(TxD)≥VIL,EI=10mW/cm2
Note:
[4] Anin-bandopticalsignalisapulse/sequencewherethepeakwavelength,lP,isdefinedas850nm≤lP≤900nm,andthepulsecharacteristics
arecompliantwiththeIrDASerialInfraredPhysicalLayerLinkSpecificationversion1.4.
[5] Forin-bandsignals115.2kbit/swhere9mW/cm2≤EI≤500mW/cm2.
[6] Forin-bandsignals1.152Mbit/swhere22mW/cm2≤EI≤500mW/cm2.
[7] Forin-bandsignals4Mbit/swhere22mW/cm2≤EI≤500mW/cm2.
[8] LatencyisdefinedasthetimefromthelastTxD_IrDAlightoutputpulseuntilthereceiverhasrecoveredfullsensitivity.
[9] ReceiverWakeUpTimeismeasuredfromVccpowerONtovalidRxD_IrDAoutput.
[10] TransmitterWakeUpTimeismeasuredfromVccpowerONtovalidlightoutputinresponsetoaTxD_IrDApulse.
[11] TheMaxOpticalPWisdefinedasthemaximumtimewhichtheIRLEDwillturnon,this,istopreventthelongTurnOntimefortheIRLED.
Figure 3. Maximum Peak IR LED current vs. ambient temperature. Derated
based on TJMAX = 100°C.
Figure 4. Maximum Peak RC LED current vs. ambient temperature. Derated
based on TJMAX = 100°C.
Max. Permissible Peak LED Current
0
50
100
150
200
250
300
350
-40
-20
0
20
40
60
80
100
TA- Ambient Temperature - oC
Max. Permissible DC LED Current
0
10
20
30
40
50
60
70
-40
-20
0
20
40
60
80
100
TA - Ambient Temperature - oC
R ja = 400degC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com