Electronic Components Datasheet Search
  English  ▼

X  

TLP112 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP112
Description  Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP112 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP112 Datasheet HTML 1Page - Toshiba Semiconductor TLP112 Datasheet HTML 2Page - Toshiba Semiconductor TLP112 Datasheet HTML 3Page - Toshiba Semiconductor TLP112 Datasheet HTML 4Page - Toshiba Semiconductor TLP112 Datasheet HTML 5Page - Toshiba Semiconductor TLP112 Datasheet HTML 6Page - Toshiba Semiconductor TLP112 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP112
2002-09-25
5
IF – VF
Forward voltage VF (V)
100
1.0
10
1.2
1.4
1.6
1.8
2.0
1
0.1
0.01
Ta = 70°C
25°C
0°C
Δ
VF / ΔTa – IF
Foward current IF (mA)
-4.0
0.1
-3.2
-2.4
-1.6
0.3 0.5
1
3
5
10
-0.8
30
25-70°C
0-25°C
IO - IF
Forward current IF (mA)
10
0.01
3
0.3
0.03
50
30
10
5
3
1
0.5
0.3
0.1
0.1
1
VCC = 5V
VO = 0.4V
Ta = 25°C
IO / IF - IF
Forward current IF (mA)
50
30
10
5
3
1
0.5
0.3
100
50
30
10
5
3
1
VCC = 5V
VO = 0.4V
Ta = 100°C
- 25°C
25°C
0.1
IO / IF – Ta
Ambient temperature Ta (°C)
0
20
40
60
80
-20
100
0.2
0.4
0.6
0.8
1.0
1.2
Normalized to
IF = 16mA
VCC = 4.5V
VO = 0.4V
Ta = 25°C
IOH(1) – Ta
Ambient temperature Ta (°C)
100
1
3
50
30
10
5
0
40
80
0.5
300
20
60
100
VF = 1V
VCC = 5.5V
VO = 5.5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com