Electronic Components Datasheet Search
  English  ▼

X  

TLP112 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP112
Description  Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP112 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP112 Datasheet HTML 1Page - Toshiba Semiconductor TLP112 Datasheet HTML 2Page - Toshiba Semiconductor TLP112 Datasheet HTML 3Page - Toshiba Semiconductor TLP112 Datasheet HTML 4Page - Toshiba Semiconductor TLP112 Datasheet HTML 5Page - Toshiba Semiconductor TLP112 Datasheet HTML 6Page - Toshiba Semiconductor TLP112 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLP112
2002-09-25
6
IO – VO
Output voltage VO (V)
5
4
1
0
VCC = 5V
Ta = 25°C
10mA
15mA
20mA
25mA
IF = 5mA
5
4
3
2
1
0
2
3
tpHL, tpLH – RL
Load resistance RL (kΩ)
3
1
0.3
1
5
10
50
100
0.1
5
30
3
0.5
tpLH
tpHL
IF = 16mA
VCC = 5V
Ta = 25°C
tpHL, tpLH – Ta
Ambient temperature Ta (°C)
3
1
0.3
0
40
80
100
0.1
60
20
0.5
tpLH
tpHL
IF = 16mA
VCC = 5V
RL = 4.1kΩ
VOL – Ta
Ambient temperature Ta (°C)
- 20
20
40
60
80
0
0.2
0.4
0.3
0.1
100
0
IF = 16mA
VCC = 5V
IO = 1.1mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com