Electronic Components Datasheet Search
  English  ▼

X  

TLP113 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP113
Description  Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP113 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP113 Datasheet HTML 1Page - Toshiba Semiconductor TLP113 Datasheet HTML 2Page - Toshiba Semiconductor TLP113 Datasheet HTML 3Page - Toshiba Semiconductor TLP113 Datasheet HTML 4Page - Toshiba Semiconductor TLP113 Datasheet HTML 5Page - Toshiba Semiconductor TLP113 Datasheet HTML 6Page - Toshiba Semiconductor TLP113 Datasheet HTML 7Page - Toshiba Semiconductor TLP113 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP113
2002-09-25
5
Test Circuit 1: Switching Time Test Circuit
CL is approximately 15pF which includes probe and stray wiring capacitance.
Test Circuit 2: Common Mode Transient Immunity Test Circuit
s)
µ
(
f
t
160(V)
=
L
CΜ
s)
µ
(
r
t
160(V)
=
Η
CΜ
,
CL is approximately 15pF which includes probe and stray wiring capacitance.
16mA
8mA
0mA
5V
4.5V
1.5V
0.5V
VOL
tpLH
tpHL
tf
tr
VO
IF
VO
Output
monitor
VCC = 5V
VCC
GND
CL
Pulse input
PW = 100µs
Duty ratio = 1 / 10
IF monitor
200V
90%
0V
5V
2V
0.8V
VOL
tr
tf
VO
VCM
VO
Output
monitor
VCC = 5V
VCC
GND
CL
Pulse gen
ZO = 50Ω
VCM
IF
10%
VO
(IF = 10mA)
(IF = 0mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com