Electronic Components Datasheet Search
  English  ▼

X  

TLP113 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP113
Description  Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP113 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP113 Datasheet HTML 1Page - Toshiba Semiconductor TLP113 Datasheet HTML 2Page - Toshiba Semiconductor TLP113 Datasheet HTML 3Page - Toshiba Semiconductor TLP113 Datasheet HTML 4Page - Toshiba Semiconductor TLP113 Datasheet HTML 5Page - Toshiba Semiconductor TLP113 Datasheet HTML 6Page - Toshiba Semiconductor TLP113 Datasheet HTML 7Page - Toshiba Semiconductor TLP113 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP113
2002-09-25
6
∆VF / ∆Ta - IF
Forward current IF (mA)
-4.0
0.1
-2.4
-3.2
-1.6
0.3
1
5
10
-0.8
30
3
0.5
0
-25°C
25
-70°C
IOH - Ta
Ambient temperature Ta (°C)
10
3
0.5
0.3
80
60
40
20
0
-20
0.1
1
5
VF = 1.0V
VCC = 5.5V
VO = 5.5V
0.05
VO L - Ta
Ambient temperature Ta (°C)
0
20
40
60
80
0.30
0.35
0.40
0.50
12.8mA
9.6mA
6.4mA
IOL = 16mA
IF = 10mA
VCC = 5.5V
-20
0.45
IF - VF
Forward voltage VF (V)
100
1
10
1.2
1.4
1.6
1.8
1
0.1
0.01
2.0
Ta = 70°C
25°C
0°C
VO - IF
Forward current IF (mA)
8
2
6
4
0
2
6
8
0
10
4
RL = 350Ω
1kΩ
4kΩ
10
VCC = 5V
Ta = 25°C
Forward current IF (mA)
6
10
4
8
2
0
8
6
4
2
0
VO - IF
Ta = 0°C
10
VCC = 5V
RL = 350Ω
RL = 4kΩ
Ta = 70°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com