Electronic Components Datasheet Search
  English  ▼

X  

TLP115 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP115
Description  High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP115 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP115 Datasheet HTML 1Page - Toshiba Semiconductor TLP115 Datasheet HTML 2Page - Toshiba Semiconductor TLP115 Datasheet HTML 3Page - Toshiba Semiconductor TLP115 Datasheet HTML 4Page - Toshiba Semiconductor TLP115 Datasheet HTML 5Page - Toshiba Semiconductor TLP115 Datasheet HTML 6Page - Toshiba Semiconductor TLP115 Datasheet HTML 7Page - Toshiba Semiconductor TLP115 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP115
2002-09-25
1
TOSHIBA Photocoupler GaAℓAs IRed & Photo−IC
TLP115
High Speed, Long Distance Isolated Line Receiver
Microprocessor System Interfaces
Digital Isolation For A / D, D / A Conversion
Computer−Peripheral Interfaces
Ground Loop Elimination
The TOSHIBA mini flat coupler TLP115 is small outline coupler, suitable
for surface mount assembly.
TLP115 consists of a GaAℓAs light emitting diode, optically coupled to an
integrated high gain, high speed shielded photo detector whose output is
an open collector schottky clamped transistor.
The shield, which shunts capacitively coupled common noise to ground,
provides a guaranteed transient immunity specification of 1000V / µs.
· Input current thresholds: IF=10mA (max.)
· Switching speed: 10MBd (typ.)
· Common mode transient immunity: ±1000V / µs (min.)
· Guaranteed performance over temp.: 0~70°C
· Isolation voltage: 2500Vrms (min.)
· UL recognized: UL1577, file no. E67349
Schematic
VCC
GND
VO
ICC
IO
6
5
4
1
3
IF
VF
Shield
Note. A 0.1µF bypass capacitor must be connected
between pins 4 and 6.
Pin Configuration(top view)
1 : Anode
3 : Cathode
4 : GND
5 : VO(Output)
6 : VCC
GND
1
3
4
5
6
VCC
Truth Table(positive logic)
Input
Output
H
L
L
H
Unit in mm
TOSHIBA
11−4C2
Weight: 0.09 g


Similar Part No. - TLP115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A Datasheet
218Kb / 8P
High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion
TLP115A TOSHIBA-TLP115A Datasheet
208Kb / 8P
Photo-IC High Speed, Long Distance Isolated Line Receiver
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
Photo-IC High Speed, Long Distance Isolated Line Receiver
TLP115 TOSHIBA-TLP115_07 Datasheet
203Kb / 8P
Photo−IC High Speed, Long Distance Isolated Line Receiver
More results

Similar Description - TLP115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A Datasheet
218Kb / 8P
High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
TLP719 TOSHIBA-TLP719_07 Datasheet
205Kb / 7P
Microprocessor system interfaces
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558_07 Datasheet
218Kb / 7P
Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115_07 Datasheet
203Kb / 8P
Photo−IC High Speed, Long Distance Isolated Line Receiver
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
Photo-IC High Speed, Long Distance Isolated Line Receiver
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com