Electronic Components Datasheet Search
  English  ▼

X  

TLP3052 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3052
Description  Office Machine Household Use Equipment Triac Driver Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3052 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3052 Datasheet HTML 1Page - Toshiba Semiconductor TLP3052 Datasheet HTML 2Page - Toshiba Semiconductor TLP3052 Datasheet HTML 3Page - Toshiba Semiconductor TLP3052 Datasheet HTML 4Page - Toshiba Semiconductor TLP3052 Datasheet HTML 5Page - Toshiba Semiconductor TLP3052 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP3051,TLP3052
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
―
―
10
µA
Capacitance
CT
V = 0, f = 1 MHz
―
30
―
pF
Peak off
-state current
IDRM
VDRM = 600 V
―
10
1000
nA
Peak on
-state voltage
VTM
ITM = 100 mA
―
1.7
3.0
V
Holding current
IH
―
―
1.0
―
mA
Critical rate of rise of
off
-state voltage
dv/dt
Vin = 240 Vrms, Ta = 85°C
(Fig.1)
―
500
―
V/µs
Critical rate of rise of
commutating voltage
dv/dt (c)
Vin = 60 Vrms, IT = 15mA
(Fig.1)
―
0.2
―
V/µs
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
TLP3051
―
―
15
Trigger LED current
TLP3052
IFT
VT = 6 V
―
5
10
mA
Capacitance input to output
CS
VS = 0, f = 1 MHz
―
0.8
―
pF
Isolation resistance
RS
VS = 500 V, (R.H.≤ 60%)
5×10
10
10
14
―
Ω
AC, 1 minute
5000
―
―
AC, 1 second, in oil
―
10000
―
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
―
10000
―
Vdc
Fig. 1
dv/dt test circuit
Vin
+
5V,VCC
dv/dt(c)
0V
dv/dt
~
Rin
RL
4kΩ
1
2
3
6
4
VCC
120Ω
+
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com