Electronic Components Datasheet Search
  English  ▼

X  

TLP3052 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP3052
Description  Office Machine Household Use Equipment Triac Driver Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3052 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP3052 Datasheet HTML 1Page - Toshiba Semiconductor TLP3052 Datasheet HTML 2Page - Toshiba Semiconductor TLP3052 Datasheet HTML 3Page - Toshiba Semiconductor TLP3052 Datasheet HTML 4Page - Toshiba Semiconductor TLP3052 Datasheet HTML 5Page - Toshiba Semiconductor TLP3052 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP3051,TLP3052
2002-09-25
4
Ambient temperature Ta (℃)
IF – Ta
0
120
100
80
60
40
20
0
-
20
10
20
30
40
50
60
IFP – DR
Duty cycle ratio DR
10
0
3
10-
1
3
10-
2
3
10-
3
3
10
30
50
100
300
500
3000
1000
Pulse width≦100µs
Ta=25℃
Ambient temperature Ta (℃)
IT(RMS)– Ta
0
120
100
80
60
40
20
0
-
20
20
40
60
80
100
120
IF – VF
Forward voltage VF(V)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.1
0.3
0.5
1
10
30
100
50
Ta=25℃
5
3
IFP – VFP
Pulse forward voltage VFP (V)
Pulse width≦10µs
Repetitive frequency
=100Hz
Ta=25℃
1
3.0
2.6
1.8
1.4
1.0
0.6
3
5
10
30
300
500
1000
2.2
50
100
Δ
VF / ΔTa – IF
50
3
1
0.5
0.3
0.1
10
-
0.4
-
0.8
-
1.2
-
1.6
-
2.0
-
2.4
-
2.8
-
3.2
5
30
Forward current IF (mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com