Electronic Components Datasheet Search
  English  ▼

X  

TLP523 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP523
Description  programmable controllers dc-output module solid state relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP523 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP523 Datasheet HTML 1Page - Toshiba Semiconductor TLP523 Datasheet HTML 2Page - Toshiba Semiconductor TLP523 Datasheet HTML 3Page - Toshiba Semiconductor TLP523 Datasheet HTML 4Page - Toshiba Semiconductor TLP523 Datasheet HTML 5Page - Toshiba Semiconductor TLP523 Datasheet HTML 6Page - Toshiba Semiconductor TLP523 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP523,TLP523
−2,TLP523−4
2002-09-25
5
IC – IF
Forward current IF (mA)
300
100
50
30
10
5
3
1
0.3
1
3
10
30
VCE = 1V
Ta = 25°C
Sample 1
2
3
IC – IF
Forward current IF (mA)
300
100
50
30
10
5
3
1
0.3
1
3
10
30
VCE = 1.2V
Ta = 25°C
Sample 1
2
3
100
80
60
40
0
20
-20
-40
1.0
0.8
0
0.6
0.4
0.2
1.2
1.6
1.4
Ambient temperature Ta (℃)
VCE(sat) – Ta
Test condition
A : IC=100mA, IF=10mA
B : IC=50mA, IF=10mA
C : IC=10mA, IF=1mA
D : IC=1mA, IF=0.5mA
Test condition A
B
C
D
120
140
Ambient temperature Ta (℃)
IC – Ta
100
80
60
40
020
-20
-40
100
80
0
60
40
20
Test condition
A : IF =10mA, VCE=1.2V
B : IF =10mA, VCE=1.0V
C : IF =2mA, VCE=1.2V
D : IF =2mA, VCE=1.0V
E : IF =1mA, VCE=1.2V
F : IF =1mA, VCE=1.0V
Test condition
B
C
D
A
E
F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com