Electronic Components Datasheet Search
  English  ▼

X  

TLP523 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP523
Description  programmable controllers dc-output module solid state relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP523 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP523 Datasheet HTML 1Page - Toshiba Semiconductor TLP523 Datasheet HTML 2Page - Toshiba Semiconductor TLP523 Datasheet HTML 3Page - Toshiba Semiconductor TLP523 Datasheet HTML 4Page - Toshiba Semiconductor TLP523 Datasheet HTML 5Page - Toshiba Semiconductor TLP523 Datasheet HTML 6Page - Toshiba Semiconductor TLP523 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLP523,TLP523
−2,TLP523−4
2002-09-25
6
Collector-emitter voltage VCE (V)
IC – VCE
2.0
0.4
0
1.2
2.4
3.2
0.5
0.3
0.1
1.6
0.8
2.8
Ta = 25℃
300
1
100
50
3
10
5
30
PC Max.
0.5mA
1mA
2mA
IF = 10mA
Safe Operationg Area
Collector-emitter voltage VCE (V)
500
1
100
50
3
10
5
30
300
3
0.5
1
10
30
※
Single
nonrepetitive
pulse
Ta=25℃
Ta=60℃
DC operating Ta=25℃
100ms※
100ms※
1s※
1s※
10ms※
10ms※
IC – VCE
Collector-emitter voltage VCE (V)
500
300
3
0.3
0.1
1
100
50
3
10
5
30
1
10
30
0.5
0.3
0.1
IF = 1mA
Ta = 25℃
Sample 1
2
3
PC Max.
Switching Time
Load resistance RL (Ω)
500
1
100
50
3
10
5
30
300
30
100
1k
3k
10k
300
t
OFF
t
ON
90%
10%
IF
VOUT
VOUT
RL
Ta = 25℃
VCC = 10V
IF
t
OFF(IF=10mA)
t
OFF(IF=1mA)
t
ON(IF=1mA)
t
ON(IF=10mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com