Electronic Components Datasheet Search
  English  ▼

X  

TLP559 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP559
Description  Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP559 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP559 Datasheet HTML 1Page - Toshiba Semiconductor TLP559 Datasheet HTML 2Page - Toshiba Semiconductor TLP559 Datasheet HTML 3Page - Toshiba Semiconductor TLP559 Datasheet HTML 4Page - Toshiba Semiconductor TLP559 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLP559(IGM)
2002-05-27
1
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP559(IGM)
TRANSISTOR INVERTER
INVERTER FOR AIR CONDITIONER
LINE RECEIVER
IPM INTERFACES
The TOSHIBA TLP559(IGM) consists of a GaAlAs high-output light
emitting diode and a high speed detector of one chip photo diode-
transistor.
This unit is 8-lead DIP package.
TLP559(IGM) has no internal base connection,and a Faraday shield
integrated on the photodetector chip provides an effective common
mode noise transient immunity.
TLP559(IGM) guarantees minimum and maximum of propagation
delay time,switching time dispersion,and high common mode
transient immunity.There for TLP559(IGM) is suitable for isolation
interface between IPM(Intelligent Power Module) and control IC
circuits in motor control application.
l Isolation Voltage
: 2500 Vrms (Min)
l Common Mode Transient Immunity
:±10kV/µs (Min)
@VCM = 1500 V
l Switching Time
: tpHL , tpLH = 0.1µs (Min)
= 0.8µs (Max)
@IF = 10 mA , VCC = 15 V , RL = 20 kΩ , Ta = 25°C
l Switching Time Dispersion : 0.7µs (Max)
(|tpLH−tpHL|)
l TTL Compatible
l UL Recognized
: UL1577, File No. E67349
PIN CONFIGURATION(Top view)
1:N.C.
2:ANODE
3:CATHODE
4:N.C.
5:EMITTER
6:COLLECTOR
7:N.C.
8:VCC
SCHEMATIC
SHIELD
JEDEC
―
EIAJ
―
TOSHIBA
11−10C4
Weight: 0.54 g
Unit: mm


Similar Part No. - TLP559

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP559 TOSHIBA-TLP559 Datasheet
190Kb / 7P
Switching Power Supply Feedback Control
TLP559 TOSHIBA-TLP559_07 Datasheet
190Kb / 7P
Switching Power Supply Feedback Control
More results

Similar Description - TLP559

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP114A TOSHIBA-TLP114A Datasheet
159Kb / 7P
Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor.
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP651 TOSHIBA-TLP651 Datasheet
322Kb / 7P
DIGITAL LOGIC GROUND ISOLATION LINE RECEIVER
TLP759F TOSHIBA-TLP759F Datasheet
113Kb / 2P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP2531F TOSHIBA-TLP2531F Datasheet
188Kb / 8P
Digital Logic Isolation Line Receiver Power Supply Control Switching Power Supply Transistor Inverter
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com