Electronic Components Datasheet Search
  English  ▼

X  

LYG3393-R2-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LYG3393-R2-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LYG3393-R2-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LYG3393-R2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Low Temperature
Storage Test
1.Ta=-40
℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this test is the resistance
of the device under tropical for hours.
Solderability Test
Thermal Shock Test
Solder Resistance
Test
High Temperature
High Humidity Test
This test intended to see soldering well
performed or not.
1.T.Sol=230
℃±5℃
2.Dwell time=5
±1sec
1.Ta=105
℃±5℃&-40℃±5℃
(10min) (10min)
2.total 10 cycles
1.T.Sol=260
℃±5℃
2.Dwell time= 10
±1sec.
1.Ta=65
℃±5℃
2.RH=90 %~95%
3.t=240hrs
±2hrs
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202:103B
JIS C 7021: B-11
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Reliability Test:
High Temperature
Storage Test
Operating Life Test
Test Item
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5℃
2.t=1000 hrs (-24hrs, +72hrs)
Test Condition
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
Description
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
JIS C 7021: B-12
MIL-STD-883:1008
JIS C 7021: B-10
Reference
Standard
Page 6/6
LYG3393/R2-PF
PART NO.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com