Electronic Components Datasheet Search
  English  ▼

X  

LYG3393-R2-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LYG3393-R2-PF
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LYG3393-R2-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LYG3393-R2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LYG3393-R2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PART NO
LYG3393/R2-PF
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Operating Temperature
Typical Electrical & Optical Characteristics (Ta=25
℃)
Storage Temperature
-40 ~ +85
-40 ~ +100
COLOR
Water Clear
MATERIAL
GaAsP/GaP
GaP
Yellow
Green
Emitted
Spectral
halfwidth
Δλnm
Peak
wave
length
λPnm
565
585
Lens
35
30
Tstg
Topr
Viewing
angle
2
θ 1/2
(deg)
40
40
10
Luminous
intensity
@
mA(mcd)
Forward
voltage
@20mA(V)
Min.
45
2.6
1.7
1.7
2.6
Max.
Min.
75
100
65
Typ.
℃
℃
Power Dissipation
Reverse Current @5V
Absolute Maximum Ratings at Ta=25
℃
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Ratings
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Parameter
Ir
PD
IFP
60
80
IF
Symbol
Y
20
UNIT
10
100
120
μA
mW
mA
G
30
mA
Page 2/6
LYG3393/R2-PF
PART NO.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com