Electronic Components Datasheet Search
  English  ▼

X  

5016C Datasheet(PDF) 2 Page - Emcore Corporation

Part # 5016C
Description  Fiber-Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

5016C Datasheet(HTML) 2 Page - Emcore Corporation

  5016C Datasheet HTML 1Page - Emcore Corporation 5016C Datasheet HTML 2Page - Emcore Corporation 5016C Datasheet HTML 3Page - Emcore Corporation 5016C Datasheet HTML 4Page - Emcore Corporation 5016C Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DATA SHEET| | DECEMBER 27, 2007
For more information on this and other products:
Contact Sales at Emcore 626-293-3400, or visit www.emcore.com.
5016-Series Fiber-Transceiver
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only. Functional operation of the device is not implied at these or any other conditions in
excess of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect device reliability.
Parameter
Symbol
Condition
Min
Max
Units
Operating Temperature Range of Baseplate:
TOP
continuous
-40
+65
°C
Storage Temperature
TSTG
-
-55
+85
°C
RF Input Power
PIN
60 seconds
-
20
dBm
ESD, module
-
HBM: R = 1500 Ohm, C = 100 pF
-500
500
V
dc Interface Characteristics
Pin Number
Min
Typ
Max
Max Ripple
Current
1
14V
15V
16V
100 mV p-p
0.3 A max
2
4.5V
5V
5.5V
200 mV p-p
1.6 A max
Pin/Package Information
Nine-Pin D-sub Connector
Pin
Description
1
+15 Vdc
2
+5 Vdc
3
NC
4
Power Ground
5
Reference Ground
6
Laser Photodiode Current Monitor
7
Received Optical Power
8
Laser Current Monitor
9
Laser Over-temperature Alarm1
1: Open collector outputs
Ordering Information
Option
Connector/Pigtail
-020
FC/APC Bulkhead Optical Connector
-022
FC/APC Optical Connector/ 3mm Fiber Pigtail
Front Panel LEDs
Power on
dc Monitor Voltages
Laser Photodiode current, pin6
o
1V/100mA
±2% accuracy (into 1 MΩ load).
Proportional to laser optical power
Photodiode current, pin7
o
1V/mA
±2% accuracy (into 1 MΩ load).
Proportional to photodiode input power
Laser dc current, pin 8:
o
1V/100mA
±2% accuracy (into 1 MΩ load). Alarm
Circuits
Alarm Circuits
The alarms are open-collector outputs capable of
sinking 20 mA to ground when active and
withstanding 15V when off.
Laser temperature, pin 9
o
Sinks current when laser internal temperature
exceeds + 2
°C of set-point (nominally 25°C).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com