Electronic Components Datasheet Search
  English  ▼

X  

5016C Datasheet(PDF) 4 Page - Emcore Corporation

Part # 5016C
Description  Fiber-Transceiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

5016C Datasheet(HTML) 4 Page - Emcore Corporation

  5016C Datasheet HTML 1Page - Emcore Corporation 5016C Datasheet HTML 2Page - Emcore Corporation 5016C Datasheet HTML 3Page - Emcore Corporation 5016C Datasheet HTML 4Page - Emcore Corporation 5016C Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 of 5
DATA SHEET| | DECEMBER 27, 2007
5016-Series Fiber-Transceiver
Outline Diagram
Dimensions are in inches.
0.190”
0.125
0.250
”
6.000”
5.500
”
6.750”
6.375”
2.380”
RF IN
POWER ON
LASER
PHOTODIODE
RF OUT
DB 9 M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com