Electronic Components Datasheet Search
  English  ▼

X  

B57560K Datasheet(PDF) 2 Page - EPCOS

Part # B57560K
Description  NTC thermistors for temperature measurement
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57560K Datasheet(HTML) 2 Page - EPCOS

  B57560K Datasheet HTML 1Page - EPCOS B57560K Datasheet HTML 2Page - EPCOS B57560K Datasheet HTML 3Page - EPCOS B57560K Datasheet HTML 4Page - EPCOS B57560K Datasheet HTML 5Page - EPCOS B57560K Datasheet HTML 6Page - EPCOS B57560K Datasheet HTML 7Page - EPCOS B57560K Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1) JST connector is specified for a maximum temperature of 85
°C
Applications
Temperature measurement in household
appliances (e.g. induction cookers, dryers,
small appliances)
Features
NTC thermistor potted in an aluminum case
with cable outlet
Fast thermal response time in air stream
Flange housing for good thermal coupling to
hot surface
Options
Alternative cable lengths, R/T characteristics,
connectors, ceramic case available on
request.
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
Approx. weight 1.8 g
General technical data
Climatic category
(IEC 60068-1)
10/125/56
Upper category temperature
(wire)
1251)
°C
Maximum operating temperature
(sensor head)
Top,max
250
°C
Resistance tolerance
∆R
R/RR
±2.5
%
Rated temperature
TR
100
°C
Dissipation factor
(in air)
δ
th
approx. 2.2
mW/K
Thermal time constant
(in water)
τ
a
approx. 2
s
Insulation resistance
(V = 500 V DC)
Rins
> 100
M
Ω
Electrical specification and ordering codes
R100
Ω
R25
Ω
B25/100
K
B0/100
K
Ordering code
3300
49120
4006
3970
±2%
B57560K0493A001
Temperature measurement
B57560K
Probe assemblies
K560
Page 2 of 8
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com