Electronic Components Datasheet Search
  English  ▼

X  

B57560K Datasheet(PDF) 3 Page - EPCOS

Part # B57560K
Description  NTC thermistors for temperature measurement
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57560K Datasheet(HTML) 3 Page - EPCOS

  B57560K Datasheet HTML 1Page - EPCOS B57560K Datasheet HTML 2Page - EPCOS B57560K Datasheet HTML 3Page - EPCOS B57560K Datasheet HTML 4Page - EPCOS B57560K Datasheet HTML 5Page - EPCOS B57560K Datasheet HTML 6Page - EPCOS B57560K Datasheet HTML 7Page - EPCOS B57560K Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1) Tested on sensor elements potted into aluminum housing (without probe assembly).
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat1)
IEC
60068-2-2
Storage at max. operating temperature
(sensor head)
T: 250
°C
t: 1000 h
< 3%
No visible
damage
Storage in
coldness
Storage at lower category temperature
T:
10
°C
t: 1000 h
< 3%
No visible
damage
Storage in damp
heat, steady
state
IEC
60068-2-67
Temperature of air: 85
°C
Relative humidity of air: 85%
Duration: 56 days
< 3%
No visible
damage
Rapid change of
temperature1)
Lower test temperature:
10
°C
Upper test temperature: 200
°C
t: 10 min
Time to change from lower to upper
temperature: <30 s
Number of cycles: 1000
Medium: air
< 3%
No visible
damage
Temperature
cycling1)
Lower test temperature: room
temperature
T: approx. 25
°C
Upper test temperature: 270
°C
t: 10 min
Number of cycles: 20
Medium: air
< 3%
No visible
damage
High voltage
test
Apply voltage between aluminum case
and sensor: 1000 V AC, 50 Hz
t: 1 s
No
flashover
Insulation test
The sensors are placed in a vessel
containing metallic balls of 1 mm
diameter (with immersed aluminum
case). The applied voltage is 500 V DC.
Above
100 M
Ω
Temperature measurement
B57560K
Probe assemblies
K560
Page 3 of 8
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com