Electronic Components Datasheet Search
  English  ▼

X  

B58100 Datasheet(PDF) 2 Page - EPCOS

Part # B58100
Description  NTC thermistors for temperature measurement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B58100 Datasheet(HTML) 2 Page - EPCOS

  B58100 Datasheet HTML 1Page - EPCOS B58100 Datasheet HTML 2Page - EPCOS B58100 Datasheet HTML 3Page - EPCOS B58100 Datasheet HTML 4Page - EPCOS B58100 Datasheet HTML 5Page - EPCOS B58100 Datasheet HTML 6Page - EPCOS B58100 Datasheet HTML 7Page - EPCOS B58100 Datasheet HTML 8Page - EPCOS B58100 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Applications
Temperature measurement in heating water
and used water
heating systems
water boilers
Features
Sealing with O-ring
Brass housing CuZn36Pb2As/CZ132
Short response time
Withstand voltage 500 V
FASTON plug terminals with RAST 5 housing
Options
Alternative resistance ratings, rated
temperatures and resistance tolerances
available on request.
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
Approx. weight 13 g
General technical data
Climatic category
(IEC 60068-1)
5/100/21
Max. power
(at 25
°C)
P25
60
mW
Resistance tolerance
∆R
R/RR
±2
%
Rated temperature
TR
85
°C
Thermal time constant
(in water)
τ
a
< 5
s
Heat capacity
Cth
250
mJ/K
Insulation resistance
(V = 100 V DC, t = 1 s)
Rins
> 10
M
Ω
Test voltage
(t = 1 min)
Vtest
500
V AC
Electrical specification and ordering codes
R85
Ω
R25
Ω
No. of R/T
characteristic
B25/100
K
Ordering code
1465
11991
2901
3760
±0.5%
B58100A0414A000
Temperature measurement
B58100
Probe assemblies
Z81
Page 2 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com