Electronic Components Datasheet Search
  English  ▼

X  

B58100 Datasheet(PDF) 4 Page - EPCOS

Part # B58100
Description  NTC thermistors for temperature measurement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B58100 Datasheet(HTML) 4 Page - EPCOS

  B58100 Datasheet HTML 1Page - EPCOS B58100 Datasheet HTML 2Page - EPCOS B58100 Datasheet HTML 3Page - EPCOS B58100 Datasheet HTML 4Page - EPCOS B58100 Datasheet HTML 5Page - EPCOS B58100 Datasheet HTML 6Page - EPCOS B58100 Datasheet HTML 7Page - EPCOS B58100 Datasheet HTML 8Page - EPCOS B58100 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
R/T characteristics
R/T No. 2901
T (
°C)
B25/100 = 3760 K
T (
°C) B
25/100 = 3760 K
T (
°C) B
25/100 = 3760 K
RT/R25
α (%/K)
RT/R25
α (%/K)
RT/R25
α (%/K)
55.0
63.969
6.7
20.0
1.233
4.3
95.0
0.09123
2.8
50.0
46.179
6.4
25.0
1.0000
4.1
100.0
0.079284
2.8
45.0
33.738
6.2
30.0
0.81679
4.0
105.0
0.069062
2.7
40.0
24.927
6.0
35.0
0.67166
3.9
110.0
0.06034
2.7
35.0
18.611
5.8
40.0
0.55527
3.8
115.0
0.052886
2.6
30.0
14.033
5.6
45.0
0.46095
3.8
120.0
0.046482
2.5
25.0
10.679
5.4
50.0
0.38459
3.7
125.0
0.040985
2.5
20.0
8.198
5.3
55.0
0.32184
3.6
130.0
0.036233
2.5
15.0
6.3123
5.2
60.0
0.27068
3.5
135.0
0.032101
2.4
10.0
4.9014
5.1
65.0
0.22907
3.3
140.0
0.02851
2.4
5.0
3.821
4.9
70.0
0.19468
3.2
145.0
0.025373
2.3
0.0
3.0027
4.7
75.0
0.16607
3.1
150.0
0.022633
2.3
5.0
2.3801
4.6
80.0
0.14221
3.1
155.0
0.020231
2.3
10.0
1.9
4.5
85.0
0.12218
3.0
15.0
1.5257
4.3
90.0
0.10533
2.9
Temperature measurement
B58100
Probe assemblies
Z81
Page 4 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com