Electronic Components Datasheet Search
  English  ▼

X  

ST2602B Datasheet(PDF) 18 Page - Sitronix Technology Co., Ltd.

Part # ST2602B
Description  8-bit Integrated Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2602B Datasheet(HTML) 18 Page - Sitronix Technology Co., Ltd.

Back Button ST2602B Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 22Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
ST2602B
Page
18/34
9
CHECKLIST
Check List of ST2602B-□ □ □□
8-Bit Microcontroller With 256K Bytes ROM
CODE OPTION
LOW VOLTAGE RESET
□
1.4 Volt □ 2.1 Volt
OSCILLATOR
□
32768 Hz Crystal
□
R-OSC
MHz (Resistor =
KΩ )
□
Resonator □ Crystal
MHz
□
2.4V ~ 3.6V □ 2.7V ~ 3.6V
□
Regulator
V
□
Other Range
~
V
OPERATING VOLTAGE
Note: Maximum operating frequency = 4.0 Mhz@2.7V, 3.0 Mhz@2.4V
BATTERY
□
CR20
x
□
AAx
□
AAAx
□
POWER DOWN MODES
□
WAI-0
□
WAI-1
LOW VOLTAGE DETECTOR
Disabled
□Internal-LVD level1(2.4V)
□Internal-LVD level2(2.6V)
□Internal-LVD level3(2.8V)
□Internal-LVD level4(3.0V)
□External-LVD level1(1.2V)
□External-LVD level2(1.3V)
□External-LVD level3(1.4V)
□External-LVD level4(1.5V)
UART
□
Enabled, Baud Rate:
bps
□
Disabled
SPI
□
Enabled, Bit Rate:
bps
□
Disabled
ST2600B EV
mode Selection
Please check ST2600B DVB
(PCB-300)
□
ST2602B EV mode: JP58 2à3
JP59 1à2
Resolution:
x
Duty: 1/
Bias: 1/
VLCD:
V
Frame Rate:
Hz Alternation: Every □ Frame □
Lines
LCD SPECIFICATIONS
Driver: □ ST8012x
□
ST8008x
□
ST8009x
□
ST8011x
LCD Gray-level
□
Black and White □ 4 Gray-level □ 16 Gray-level
PSG mode
Current-type DAC
□
PWM-single pin □
PWM-two pin push pull □ PWM-two pin two end
Register Value
When playing sound: the PSGC =
,
When LCD is on: LCKR=
, LCTR=
, LFRA =
,LXMAX=
,
LYMAX=
, LPOW =
LREG =
, LCFG =
When LVD is on: LVCTR =
When power down: SYS =
(WAIT0 or WAIT1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com