Electronic Components Datasheet Search
  English  ▼

X  

ST2602B Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST2602B
Description  8-bit Integrated Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2602B Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST2602B Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST2602B Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
ST2602B
Page
19/34
Data sheet
ST2602B user’s manual Ver
CODE FILE:
.BIN
DATE(Y/M/D): 20
/
/
CHECK SUM: □□□□ H (Byte Mode)
Note:
a. File format must be binary and the extension should be “.BIN”.
b. File should be wrapped in ZIP format for transferring or e-mailing.
c. Only single file is allowed.
d. File length is 256K bytes.
e. Functions should be checked on the emulation board or by real chip.
f. Electric characteristics of the emulation board are not identical with those of the real chip.
CUSTOMER
COMPANY
SIGNATURE
SITRONIX
FAE/SA
SALSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com