Electronic Components Datasheet Search
  English  ▼

X  

ST3014 Datasheet(PDF) 8 Page - Sitronix Technology Co., Ltd.

Part # ST3014
Description  Audio Decoder/Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST3014 Datasheet(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST3014 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ST3014
Ver 0.2
8/14
2007-06-14
Table 4-2 Timing parameters for 0
Standard operation conditions: VDD33 = 3.3V, GND = 0V, TA = 25°C
Table 4-3
Timing parameters for 0
Standard operation conditions: VDD33 = 3.3V, GND = 0V, TA = 25°C
Remark: D = time of one DSP system clock
Rating
Symbol
Characteristic
Min.
Typ.
Max.
Unit
tCSS
CS low to 1
st SCL rising
100
nS
tCYC
SCL cycle time
200
nS
tDS
Data valid prior SCL falling
0
nS
tDH
Data Hold time after SCL rising
10
nS
tDD
SDO output delay from SCL falling
10
nS
Rating
Symbol
Characteristic
Min.
Typ.
Max.
Unit
tCH
Cmd pin hold time
5
nS
tCS
Cmd pin setup time
5
nS
tCYC
System cycle time
3.5D
nS
tCCLW
Write pulse width
0.5D
nS
tCCHW
Enable H write width
3D
nS
tCCLR
Read pulse width
0.5D
nS
tCCHR
Enable H read width
3D
nS
tDS
Write data setup time
0.5D
nS
tDH
Write data hold time
5
nS
tACC
Read access time
10
nS
tOH
Read data disable time
4
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com