Electronic Components Datasheet Search
  English  ▼

X  

ST3014 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST3014
Description  Audio Decoder/Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST3014 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST3014 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST3014 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ST
ST3014
Audio Decoder/Encoder
Notice: Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.
This is not a final specification.
Some parameters are subject to change.
Ver 0.2
1
/14
2007-06-14
1
1.. F
FE
EA
AT
TU
UR
RE
ES
S
24-bit DSP based voice/audio processor
Operation voltage
– Core logic: 2.25V~2.7V
– I/O pads: 3.0V~3.6V
Voltage regulator for core logic
Low Voltage Reset (LVR)
_ 2.5V low voltage reset
One PLL to generate high system frequency from a
3MHz source
_ 12M~30MHz PLL output
Tow clock sources
_ Crystal...........................................................3MHz
_ External input...……………………………......3MHz
Low power down current
_Typical current: 3uA
One 16-bit programmable Timer
One clocking output
One external interrupt
_ Edge/level trigger supported
One 16-bit direct-drive DAC
– Maximum current: 145mA
MCU interfaces
_ Parallel mode
Two Serial PORT interfaces(SP)
_ Programmable data length from 8-bit to 16-bit
_ I2S, Left/Right Justified interfaces to external DAC/ADC
Function List
_MBRC playback (5.4Kbps, 6.4Kbps for 8KHz)
(7.4Kbps, 8.8Kbps for 11KHz)
1. AB-Repeat
2. Time stretch
(speed up x2, speed down x2)
3. Combine syllable
4. Encryption
_Audio Playback (CBR, VBR-- all bit rate)
1. Forward/Backward play , AB-Repeat
2. Encryption
3. Spectrum gain
4. Time stretch
(speed up x1.5, speed down x1.5)
5. Combine syllable
_Wav Playback
1. Forward/Backward play, AB-Repeat
_Wav Record {MS-ADPCM(3.8:1)}
1. Software AGC
_RS-Word, RS-PY
_TTS
2
2.. G
GE
EN
NE
ER
RA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
The ST3014 is a highly integrated and cost-effective 24-bit
DSP based audio processor for various consumer applications.
It consists of one powerful DSP for advanced voice decoder
and encoder algorithms of natural speech with less memory. It
provides middle bit rate compression (MBRC) for voice
playback and audio playback.
System clock comes from 3MHz crystal or external input.
ST3014 has 32 I/Os and these can be either GPIO or
functional pins. Each pin can be programmed to input or output.
One external interrupt pin can be requested by external


Similar Part No. - ST3014

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
Audio Decoder/Encoder
logo
Microsemi Corporation
ST30100 MICROSEMI-ST30100 Datasheet
160Kb / 3P
Silicon Dual Power Rectifier
logo
Sangdest Microelectroni...
ST30100 SMC-ST30100 Datasheet
113Kb / 6P
SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
ST30100 ISC-ST30100 Datasheet
290Kb / 2P
Schottky Barrier Rectifier
logo
SMC Diode Solutions Co....
ST30100 SMCDIODE-ST30100 Datasheet
361Kb / 7P
SCHOTTKY RECTIFIER
Rev. C
More results

Similar Description - ST3014

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
Encoder/Decoder
logo
Siemens Semiconductor G...
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
Joint Audio Decoder-Encoder - Multimode
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
Joint Audio Decoder-Encoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
ENCODER / DECODER
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
Encoder/Decoder
logo
Sitronix Technology Co....
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
Audio Decoder/ Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
Audio Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com