Electronic Components Datasheet Search
  English  ▼

X  

ST7530 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7530
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7530 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7530 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
ST7530
Ver 1.8
39/100
2006/9/18
RESET CIRCUIT
When Power is Turned On
Input power (VDD1~VDD5)
↓
Be sure to apply POWER-ON RESET (RST = LOW)
↓
<Display Setting>
<<State after resetting>>
Display control (DISCTRL)
Setting clock dividing ratio:
2 dividing
Duty setting:
1/4
Setting reverse rotation number of line:
11H reverse rotations
Common scan direction (COMSCN)
Setting scan direction:
COM0 -> COM79, COM80-> COM159
↓
Oscillation ON (OSCON)
Oscillation OFF
↓
Sleep-out (SLIPOUT)
Sleep-in
↓
<Power Supply Setting>
<<State after resetting>>
Electronic volume control (VOLCTRL)
Setting volume value:
0
Setting built-in resistance value:
0 (3.95)
Power control (PWRCTR)
Setting operation of power supply circuit:
All OFF
↓
<Display Setting 2>
<<State after resetting>>
Normal rotation of display (DISNOR)/Inversion of display (DISINV): Normal rotation of display
Partial-in (PTLIN)/Partial-out (PTLOUT)
Partial-out
Setting fix area:
0
Area scroll set (ASSET)
Setting area scroll region:
0
Setting area scroll type:
Full-screen scroll
Scroll start set (SCSTART)
Setting scroll start address:
0
↓
<Display Setting 3>
<<State after resetting>>
Data control (DATCTRL)
Setting normal rotation/inversion of line address:
Normal rotation
Setting normal rotation/inversion of column address:
Normal rotation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com