Electronic Components Datasheet Search
  English  ▼

X  

ST7530 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7530
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7530 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7530 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7530 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
ST7530
Ver 1.8
49/100
2006/9/18
PB2 is to change RGB arrangement of the segment output according to RGB arrangement on the LCD panel. This
command will set the writing position of data(R, G, B) on the display memory to be changed or not.
Stripe mode:
CLR
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
…
SEG254
0
R
G
B
R
G
B
R
G
…
R
1
B
G
R
B
G
R
B
G
…
B
SPRD C mode:
CLR
Line
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
…
SEG255
0
0, 2, 4, …
1, 3, 5, …
R
G
G
B
B
R
R
G
G
B
B
R
R
G
G
B
…
…
R
G
1
0, 2, 4, …
1, 3, 5, …
B
R
G
B
R
G
B
R
G
B
R
G
B
R
G
B
…
…
B
R
PB3 is to select desired display colors between the 32 gray-scale dithered 65K, 262K, or 16M.
GS2
GS1
GS0
Numbers of gray-scale
0
0
1
32 gray-scale 65K
0
1
0
32 gray-scale 262K
1
0
0
32 gray-scale 16M
(12) Memory write (RAMWR) - Parameter Byte: Numbers of data written (5CH)
This command turns on the data entry mode when MPU writes data to the display memory. This command will always sets
the line and column address at the start address while executed. The following parameter byte rewrites contents of the
display data RAM and increases the line or column address automatically. The write mode is automatically cancelled if any
other command is entered.
1. 8-bit bus
A0
RD RW
D7
D6
D5
D4
D3
D2
D1
D0
Function
Command
0
1
0
0
1
0
1
1
1
0
0
-
Parameter Byte 1 (PB1)
1
1
0
Data to be written
Data to be written
2. 16-bit bus
A0 RD RW D15 D14 …
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Function
Command
0
1
0
*
*
…
*
*
0
1
0
1
1
1
0
0
Memory write
Parameter Byte 1 (PB1)
1
1
0
Data to be written
Write date
(13) Memory read (RAMRD) - Parameter Byte: Numbers of data read (5DH)
This command turns on the data read mode when MPU read data from the display memory. This command will always sets
the line and column address at the start address while executed. The contents of the display data RAM will be read in the
following parameter byte and increases the line or column address automatically. The data read mode is automatically
cancelled if any other command is entered.
1. 8-bit bus
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Function
Command
0
1
0
0
1
0
1
1
1
0
1
--
Parameter Byte 1 (PB1)
1
0
1
Data to be read
Data to be read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com