Electronic Components Datasheet Search
  English  ▼

X  

MSO8000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # MSO8000
Description  FPGA Dynamic Probe for Xilinx
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSO8000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  MSO8000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Agilent N5433A specifications and characteristics
Supported oscilloscopes
Standalone oscilloscopes
All Infiniium 8000 and 9000 Series MSOs.
MSO Digital Channels
16
Bus groupings
Up to 4, each with 16 character labels
Triggering capabilities
Determined by MSO, all have state triggering
Supported Altera FPGA families
All families that the Altera LAI core supports including, Stratix IV, Stratix III, Stratix II and
Stratix, Cyclone III, Cyclone II and Cyclone, Arria II and Arria.
Supported Altera cables (required)
Altera USB Blaster or ByteBlaster
Supported probing mechanisms
Soft touch (34-channel and 17-channel), Mictor, Samtec, Flying lead, Infiniium MSOs
come standard with a 40 pin probe cable and flying leads.
Altera LAI characteristics
Number of output signals
User definable: 1 to 256 signals in 1 signal increments. MSO can measure maximum of
16 digital channels
Signal banks
User definable: 1 to 256 banks
Modes
State (synchronous) or timing (asynchronous) mode
Compatible software
Altera Quartus II 6.0 or greater
Infiniium 8000 version 5.2 or greater. Infiniium 9000 version 2.0 or greater.
Additional information available via the Internet www.agilent.com/find/8000-altera
Ordering information
Ordering options for the Agilent N5433A FPGA dynamic probe for Altera
Option 001
• Entitlement certificate for perpetual node-locked license locked to oscilloscope
(most common license type)
Option 002
• Entitlement certificate for PC locked license. PC and MSO must both connect to LAN.
(less common license type)
Related literature
Publication title
Publication type
Publication number
Frequently Asked Questions for Agilent
Data sheet
5989-5957EN
MSO FPGA Dynamic Probe for Altera
Agilent Technologies Infiniium
Color brochure
5989-4271EN
8000 series Oscilloscopes
Infiniium 9000 Series Oscilloscopes
Data sheet
5989-3746EN
Product Web site
For the most up-to-date and
complete application and product
information, please visit our
product Web site at:
www.agilent.com/find/scopes
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com