Electronic Components Datasheet Search
  English  ▼

X  

ST7532 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7532
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7532 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7532 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
ST7532
Ver 1.8
49/85
2006/9/18
R(x-1,y-1) + R(x,y-1) + R(x+1,y-1) + R(x-1,y) + R(x,y) + R(x+1,y) + R(x-1,y+1) + R(x,y+1) + R(x+1,y+1) = 1
G(x-1,y-1) + G(x,y-1) + G(x+1,y-1) + G(x-1,y) + G(x,y) + G(x+1,y) + G(x-1,y+1) + G(x,y+1) + G(x+1,y+1) = 1
B(x-1,y-1) + B(x,y-1) + B(x+1,y-1) + B(x-1,y) + B(x,y) + B(x+1,y) + B(x-1,y+1) + B(x,y+1) + B(x+1,y+1) = 1
WT2
WT1
WT0
Weighting
k
0
0
0
0/8
0
0
1
1/8
0
1
0
2/8
0
1
1
3/8 (default)
1
0
0
4/8
Assume the dots on display are arranged as follows.
D0 D1 … Di … Dn-1 Dn
After processed,
Di will become kDi-1+(1-k) Di. In addition,
the new value will be saved as
Di‘– the new Di in RAM.
PB2: set edge detector detect value
ED4 ED3 ED2 ED1 ED0
detect value
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
1
0
2
0
0
0
1
1
3
0
1
1
1
0
14
0
1
1
1
1
15
1
0
0
0
0
16
(default)
1
0
0
0
1
17
1
0
0
1
0
18
1
1
1
0
0
28
1
1
1
0
1
29
1
1
1
1
0
30
1
1
1
1
1
31
When “Edge detect” is enabled, the difference value
between pixel and pixel which is large enough will activate
the “Weight set” function.
PB3:
EE
WE
0
0
no weighting
0
1
weighting enable
1
*
weighting + edge detect
*: don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com