Electronic Components Datasheet Search
  English  ▼

X  

N5162A Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # N5162A
Description  Fast switching speeds
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N5162A Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button N5162A Datasheet HTML 9Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 10Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 11Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 12Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 13Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 14Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 15Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 16Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
Frequency modulation 1
(Option UNT)
Max deviation
N × 10 MHz (nom)
Resolution
0.1% of deviation or 1 Hz, which ever is greater (nom)
Deviation accuracy
[1 kHz rate, deviation
is N x 50 kHz]
< ±2% + 20 Hz
Modulation frequency response [at 100 kHz deviation]
1 dB bandwidth
3 dB bandwidth
DC coupled
DC to 3 MHz (nom)
DC to 7 MHz (nom)
AC coupled
5 Hz to 3 MHz (nom)
5 Hz to 7 MHz (nom)
Carrier frequency accuracy < ±0.2% of set deviation
relative to CW in DCFM
+ (N × 1 Hz) 2
< ±0.06% of set deviation
+ (N × 1 Hz) (typ) 3
Distortion [1 kHz rate, deviation is N x 50 kHz]
< 0.4%
Sensitivity when using external input
+1 V peak for indicated
deviation (nom)
Phase modulation 1
(Option UNT)
Modulation deviation and frequency response:
Max dev
3 dB bandwidth
Normal BW
N × 5 radians (nom)
DC to 1 MHz (nom)
High BW mode
N × 10 radians (nom)
DC to 4 MHz (nom)
Resolution
0.1% of deviation (nom)
Deviation accuracy [1 kHz rate, normal BW mode]
< +0.5% + 0.01 rad (typ)
Distortion [1 kHz rate, deviation
normal BW mode]
< 0.2% (typ)
Sensitivity when using external input
+1 V peak for indicated
deviation (nom)
Amplitude modulation 1, 4
(Option UNT)
AM depth type
Linear or exponential
Depth
Maximum
100%
Resolution
0.1% of depth (nom)
Depth accuracy [1 kHz rate]
< ±4% of setting +1% (typ)
Modulation rate [3 dB BW]
DC coupled
0 to 10 kHz (typ)
AC coupled
5 Hz to 10 kHz (typ)
Distortion [1 kHz rate]
< 2% (typ)
Sensitivity when using external input
+1 V peak for indicated depth (nom)
1.
N is a factor used to help define certain specifications. Refer to page 4 for N value.
2.
Specification valid for temperature changes of less than ± 5 °C since last DCFM calibration.
3.
Typical performance immediately after a DCFM calibration.
4.
AM is specified at carrier frequencies from 500 kHz to 3 GHz, power levels ≤ ±4 dBm,
and with ALC on and envelope peaks within ALC operating range (–20 dBm to maximum
specified power, excluding step-attenuator setting).
Analog Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com