Electronic Components Datasheet Search
  English  ▼

X  

N5162A Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # N5162A
Description  Fast switching speeds
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N5162A Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button N5162A Datasheet HTML 17Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 18Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 19Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 20Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 21Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 22Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 23Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 24Page - Agilent(Hewlett-Packard) N5162A Datasheet HTML 25Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
3GPP2 cdma2000 distortion performance
Offset
Configuration
Frequency
Standard (typ)
Option UNV (typ)
Option UNV with
Option 1EA (typ)
Power ≤ –7 dB
Power ≤ –7 dB
Power ≤ 5 dB
885 kHz to 1.98 MHz 9 channel forward link
800 to 900 MHz
1800 to 2200 MHz
–78 dBc
–79 dBc
–77 dBc
> 1.98 to 4.0 MHz
–83 dBc
–87 dBc
–87 dBc
> 4.0 to 10 MHz
–88 dBc
–93 dBc
–93 dBc
Signal configuration: QPSK
-69.00
-70.00
-71.00
-72.00
-73.00
-74.00
-75.00
-76.00
-10
-15
0
5
10
1 DPCH
64 DPCH
Single carrier 3GPP W-CDMA ACLR test model 1
(with Option UNV and 1EA)
Power level (dBm)
-61
-62
-63
-64
-65
-66
-67
-68
-69
-70
-10
-8
6
-4
-2
0
2
4
6
8
10
4 carrier 3GPP W-CDMA test model 1 with 64 DPCH ACLR
(Typical with Option UNV and 1EA)
Power level (dBm)
-76
-77
-78
-79
-80
-81
-82
-83
-84
-85
-86
-8
-6
-4
-2
0
2
4
6
3GPP2 cdma2000 ACLR 9 channel forward link
(with Option UNV and 1EA)
Power level (dBm)
0
-10
-20
-30
-40
-50
-60
-70
-80
-12
-7
-2
3
8
13
18
2500 MHz
3500 MHz
WiMAX distortion performance
(with Option UNV and 1EA)
Power level (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com