Electronic Components Datasheet Search
  English  ▼

X  

ST7533 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7533
Description  33 x 96 Dot Matrix LCD Controller/Driver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7533 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7533 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7533 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
ST7533
Ver 1.0
39/60
2003/07/21
Sleep Mode
This stops all operations in the LCD display system, and as long as there are no accesses from the MPU, the consumption
current is reduced to a value near the static current. The internal modes during sleep mode are as follows:
1. The oscillator circuit and the LCD power supply circuit are halted.
2. All liquid crystal drive circuits are halted, and the segment in common drive outputs output a VDD level.
Standby Mode
The duty LCD display system operations are halted and only the static drive system for the indicator continues to operate,
providing the minimum required consumption current for the static drive. The internal modes are in the following states during
standby mode.
1 The LCD power supply circuits are halted. The oscillator circuit continues to operate.
2 The duty drive system liquid crystal drive circuits are halted and the segment and common driver outputs output a VDD level.
The static drive system does not operate.
When a reset command is performed while in standby mode, the system enters sleep mode.
* When an external power supply is used, it is recommended that the functions of the external power supply circuit be stopped
when the power saver mode is started. For example, when the various levels of liquid crystal drive voltage are provided by
external resistive voltage dividers, it is recommended that a circuit be added in order to cut the electrical current flowing
through the resistive voltage divider circuit when the power saver mode is in effect. The ST7533 series chips have a liquid
crystal display blanking control terminal /DOF. This terminal enters an “L” state when the power saver mode is launched.
Using the output of /DOF, it is possible to stop the function of an external power supply circuit.
NOP
Non-OPeration Command
E
R/W
A0
RD
WR
D7 D6 D5 D4 D3 D2 D1 D0
0
1
0
1
1
1
0
0
0
1
1
Test
This is a command for IC chip testing. Please do not use it. If the test command is used by accident, it can be cleared by
applying a “L” signal to the /RES input by the reset command or by using an NOP.
E
R/W
A0
RD
WR
D7 D6 D5 D4 D3 D2 D1 D0
0
1
0
1
1
1
1
1
1
*
*
* Inactive bit
Note: The ST7533 maintain their operating modes until something happens to change them. Consequently, excessive external
noise, etc., can change the internal modes of the ST7533 . Thus in the packaging and system design it is necessary to
suppress the noise or take measure to prevent the noise from influencing the chip. Moreover, it is recommended that the
operati n g mo des be refreshed periodical l y to prevent t h e effe c t s of unanti c ip a t e d
noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com