Electronic Components Datasheet Search
  English  ▼

X  

ST7558 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7558
Description  65 x 102 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7558 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7558 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
ST7558
Ver 2.3
39/56
2005/10/05
13. TIMING CHARACTERISTICS
System Bus Read/Write Characteristics 1 (For the 8080 Series MPU)
tAH8
tAW8
tCYC8
tCCLR,tCCLW
tCCHR,tCCHW
tDS8
tACC8
tOH8
tDH8
/CS
WR,RD
A0
D0 to D7
(Write)
D0 to D7
(Read)
Fig 24.
(VDD = 3.3V , Ta =-30~85°C)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Address hold time
tAH8
10
—
Address setup time
tAW8
0
—
System cycle time
A0
tCYC8
240
—
Enable L pulse width (WRITE)
tCCLW
80
—
Enable H pulse width (WRITE)
WR
tCCHW
80
—
Enable L pulse width (READ)
tCCLR
140
—
Enable H pulse width (READ)
RD
tCCHR
80
WRITE Data setup time
tDS8
40
—
WRITE Address hold time
tDH8
0
—
READ access time
tACC8
CL = 100 pF
—
70
READ Output disable time
D0 to D7
tOH8
CL = 100 pF
5
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com