Electronic Components Datasheet Search
  English  ▼

X  

ST7558 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7558
Description  65 x 102 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7558 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7558 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7558 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
ST
Sitronix
ST7558
65 x 102 Dot Matrix LCD Controller/Driver
Ver 2.3
1/56
2005/10/05
1. INTRODUCTION
The ST7558 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 102 segment
and 65 common with 1 ICOM driver circuits. This chip is connected directly to a microprocessor, accepts 4-line serial
interface (SPI), I
2C interface or 8-bit parallel interface, display data can stores in an on-chip display data RAM of 66 x
102 bits. It performs display data RAM read/write operation with no external operating clock to minimize power
consumption. In addition, because it contains power supply circuits to drive liquid crystal, it is possible to make a display
system with the fewest components.
2. FEATURES
Driver Output Circuits
102 segment outputs / 65 common outputs
On-chip Display Data Ram
-
Capacity: 66X102=6732 bits
Microprocessor Interface
-
8-bit parallel bi-directional interface with
6800-series or 8080-series
-
4-line SPI (serial peripheral interface) available
(only write operation)
-
I
2C (Inter-Integrated Circuit) Interface
On-chip Low Power Analog Circuit
-
Generation of LCD supply voltage (externally
Vout voltage supply is possible)
-
Generation of intermediate LCD bias voltages
-
Oscillator requires no external components
(external clock also possible)
-
Voltage converter (x2, x3, x4, x5)
-
Voltage regulator (temperature gradient
-0.05%/°C)
-
Voltage follower
-
On-chip electronic contrast control function (128
stepsX2)
-
Liquid crystal driving voltage :
V0 -VSS = max 12 V (external power supply)
External RESB (reset) pin
Logic supply voltage range VDD -VSS
-
1.8 to 3.3V
Temperature range: -30 to +85 degree
ST7558
6800 , 8080 , 4-Line
(without I2C interface)
ST7558i
I2C interface


Similar Part No. - ST7558

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST755 STMICROELECTRONICS-ST755 Datasheet
80Kb / 9P
ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
Sep-1998
ST7554 STMICROELECTRONICS-ST7554 Datasheet
148Kb / 11P
V.90 USB WORLD MODEM CONTROLLER
Jan-1999
ST7554TQF7 STMICROELECTRONICS-ST7554TQF7 Datasheet
148Kb / 11P
V.90 USB WORLD MODEM CONTROLLER
Jan-1999
logo
Sitronix Technology Co....
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST755C STMICROELECTRONICS-ST755C Datasheet
311Kb / 16P
Adjustable inverting negative output current mode PWM regulators
06-Jul-2007
More results

Similar Description - ST7558

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
66 x 102 Dot Matrix LCD Controller/Driver
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
68 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7568 SITRONIX-ST7568 Datasheet
1Mb / 73P
68 x 102 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
66 x 102 Dot Matrix LCD Controller/Driver
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com