Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 130 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 130 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 159 page
background image
ST7713
Ver 1.6
2008-05
130
10.2.2 FRMCTR1 (B1h): Frame Rate Control (In normal mode/ Full colors)
B1H
FRMCTR1 (Frame Rate Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
FRMCTR1
0
↑
1
-
1
0
1
1
0
0
0
1
(B1h)
1st Parameter
1
↑
1
-
RTNA3
RTNA2
RTNA1
RTNA0
-
2nd Parameter
1
↑
1
-
FPA3
FPA2
FPA1
FPA0
-
3rd Parameter
1
↑
1
-
BPA3
BPA2
BPA1
BPA0
-
NOTE: “-“ Don’t care
Description
-Set the frame frequency of the full colors normal mode.
- Frame rate=fosc/((RTNA + 18) x (LINE + FPA + BPA))
- 1 < FPA(front porch) + BPA(back porch)<=22
Default
Status
Default Value
Power On Sequence
06h/03h/02h
S/W Reset
06h/03h/02h
H/W Reset
06h/03h/02h
10.2.3 FRMCTR2 (B2h): Frame Rate Control (In Idle mode/ 8-colors)
B2H
FRMCTR2 (Frame Rate Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
FRMCTR2
0
↑
1
-
1
0
1
1
0
0
1
0
(B2h)
1st Parameter
1
↑
1
-
RTNB3
RTNB2
RTNB1
RTNB0
-
2nd Parameter
1
↑
1
-
FPB3
FPB2
FPB1
FPB0
-
3rd Parameter
1
↑
1
-
BPB3
BPB2
BPB1
BPB0
-
NOTE: “-“ Don’t care
Description
-Set the frame frequency of the Idle mode.
- Frame rate=fosc/((RTNB + 18) x (LINE + FPB + BPB))
- 1 < FPB(front porch) + BPB(back porch)<=22
Default
Status
Default Value
Power On Sequence
06h/03h/02h
S/W Reset
06h/03h/02h
H/W Reset
06h/03h/02h
10.2.4 FRMCTR3 (B3h): Frame Rate Control (In Partial mode/ full colors)
B3H
FRMCTR3 (Frame Rate Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
FRMCTR3
0
↑
1
-
1
0
1
1
0
0
1
1
(B3h)
1st Parameter
1
↑
1
-
RTNC3
RTNC2
RTNC1
RTNC0
-
2nd Parameter
1
↑
1
-
FPC3
FPC2
FPC1
FPC0
-
3rd Parameter
1
↑
1
-
BPC3
BPC2
BPC1
BPC0
-
4th Parameter
1
↑
1
-
RTND3
RTND2
RTND1
RTND0
5th Parameter
1
↑
1
-
FPD3
FPD2
FPD1
FPD0
6th Parameter
1
↑
1
-
BPD3
BPD2
BPD1
BPD0
-
NOTE: “-“ Don’t care
Description
-Set the frame frequency of the Partial mode/ full colors.
- 1
st parameter to 3rd parameter are used in line inversion mode.
- 4
th parameter to 6th prameter are used in frame inversion mode.
- Frame rate=fosc/((RTNC + 18) x (LINE + FPC + BPC))
- 1 < FPC(front porch) + BPC(back porch)<=22
Default
Status
Default Value
Power On Sequence
06h/03h/02h
S/W Reset
06h/03h/02h
H/W Reset
06h/03h/02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com