Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 134 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 134 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 159 page
background image
ST7713
Ver 1.6
2008-05
134
10.2.9 PWCTR2 (C1h): Power Control 2
C1H
PWCTR2 (Power Control 2)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
PWCTR2
0
↑
1
-
1
1
0
0
0
0
0
1
(C1h)
1st Parameter
1
↑
1
0
0
0
0
0
BT2
BT1
BT0
NOTE: “-“ Don’t care
Description
-Set the AVDD, VCL, VGH and VGL supply power level
BT[2:0]
AVDD
VCL
VGHH
VGLL
000
0
2xVDD
5.49
-1xVDD
-2.74
4*VCI1
9.80
-3* VCI1
-7.35
001
1
2xVDD
5.49
-1xVDD
-2.74
4* VCI1
9.80
-4* VCI1
-9.80
010
2
2xVDD
5.49
-1xVDD
-2.74
5* VCI1
12.25
-3* VCI1
-7.35
011
3
2xVDD
5.49
-1xVDD
-2.74
5* VCI1
12.25
-4* VCI1
-9.80
100
4
2xVDD
5.49
-1xVDD
-2.74
5* VCI1
12.25
-5* VCI1
-12.25
101
5
2xVDD
5.49
-1xVDD
-2.74
6* VCI1
14.70
-3* VCI1
-7.35
110
6
2xVDD
5.49
-1xVDD
-2.74
6* VCI1
14.70
-4* VCI1
-9.80
111
7
2xVDD
5.49
-1xVDD
-2.74
6* VCI1
14.70
-5* VCI1
-12.25
Note: When VCI1=2.5V, VDD=2.8V,Set-up cycle 1 effective=98%, Set-up cycle 2 effective=98%,
10.2.10 PWCTR3 (C2h): Power Control 3 (in Normal mode/ Full colors)
C2H
PWCTR3 (Power Control 3)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
PWCTR3
0
↑
1
-
1
1
0
0
0
0
1
0
(C2h)
1st Parameter
1
↑
1
-
0
0
0
0
0
APA2
APA1
APA0
2nd Parameter
1
↑
1
-
0
0
0
0
0
DCA2
DCA1
DCA0
NOTE: “-“ Don’t care
Description
-Set the amount of current in Operational amplifier in normal mode/full colors.
-Adjust the amount of fixed current from the fixed current source in the operational amplifier for the
source driver.
AP[2:0]
Amount of Current in Operational Amplifier
000
0
Operation of the operational amplifier stops
001
1
Small
010
2
Medium Low
011
3
Medium
100
4
Medium High
101
5
Large
110
6
Reserved
111
7
Reserved
-Set the Booster circuit Step-up cycle in Normal mode/ full colors.
DC[2:0]
Step-up cycle in Booster circuit 1
Step-up cycle in Booster circuit 2,3
000
0
BCLK / 1
BCLK / 1
001
1
BCLK / 1
BCLK / 2
010
2
BCLK / 1
BCLK / 4
011
3
BCLK / 2
BCLK / 2
100
4
BCLK / 2
BCLK / 4
101
5
BCLK / 4
BCLK / 4
110
6
BCLK / 4
BCLK / 8
111
7
BCLK / 4
BCLK / 16
Note: BCLK is Clock frequency for Booster circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com