Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 138 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 138 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 159 page
background image
ST7713
Ver 1.6
2008-05
138
10.2.14 VMOFCTR (C7h): VCOM Offset Control
C7H
VMOFCTR (VCOM Offset Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
VMOFCTR
0
↑
1
-
1
1
0
0
0
1
1
1
(C7h)
1st Parameter
1
↑
1
-
-
VMF6
-
-
VMF3
VMF2
VMF1
VMF0
NOTE: “-“ Don’t care, can be set to VDDI or DGND level
Description
-Set VCOM Voltage level for reduce the flicker issue
VMF[6]
VMF[3:0]
VCOMH Output Level
VCOML Output Level
0
0000
“VMH”-16d
“VML”-16d
0
0001
“VMH”-15d
“VML”-15d
0
0010
“VMH”-14d
“VML”-14d
0
|
|
0
1110
“VMH”-2d
“VML”-2d
0
1111
“VMH”-1d
“VML”-1d
1
0000
“VMH”
“VML”
1
0001
“VMH”+1d
“VML”+1d
1
0010
“VMH”+2d
“VML”+2d
1
|
|
1
1110
“VMH”+14d
“VML”+14d
1
1111
“VMH”+15d
“VML”+15d
- 1d=25mV, 2d=50mV 3d=75mv....
- 2.5V <= VMH
± nd <= 5.0V; -2. 5V <= VML ± nd<= 0V (n=0~15,16)
- VMF[6] & VMF[3:0] are stored in NV memory to contrast.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com