Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 139 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 139 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 159 page
background image
ST7713
Ver 1.6
2008-05
139
10.2.15 WRID2 (D1h): Write ID2 Value
D1H
WRID2 (Write ID2 Value)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
WRID2
0
↑
1
-
1
1
0
1
0
0
0
1
(D1h)
1st Parameter
1
↑
1
-
-
ID26
ID25
ID24
ID23
ID22
ID21
ID20
-
NOTE: “-“ Don’t care
Description
-Write 7-bit data of LCD module version to save it to NV memory.
-The parameter ID2[6:0] is LCD Module version ID.
Refer to Applcation Note
10.2.16 WRID3 (D2h): Write ID3 Value
D2H
WRID3 (Write ID3 Value)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
WRID3
0
↑
1
-
1
1
0
1
0
0
1
0
(D2h)
1st Parameter
1
↑
1
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
-
NOTE: “-“ Don’t care
Description
-Write 8-bit data of project code module to save it to NV memory.
-The parameter ID3[7:0] is product project ID.
Refer to Applcation Note
10.2.17 RDID4 (D3h): Read the ID4 value
D3H
RDID4 (Read the ID4 value)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDID4
0
↑
1
-
1
1
0
1
0
0
1
1
(D3h)
1st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
2nd Parameter
1
1
↑
-
ID417
ID416
ID415
ID414
ID413
ID412
ID411
ID410
-
3rd Parameter
1
1
↑
-
ID427
ID426
ID425
ID424
ID423
ID422
ID421
ID420
-
4th Parameter
1
1
↑
-
ID437
ID436
ID435
ID434
ID433
ID432
ID431
ID430
-
5th Parameter
1
1
↑
-
ID447
ID446
ID445
ID444
ID443
ID442
ID441
ID440
-
NOTE: “-“ Don’t care
Description
-Read the Driver IC information from mask value.
-The 1st parameter is dummy data.
-The 2nd parameter ID41[7:0]=”03h” is Driver IC ID code.
-The 3rd parameter ID42[7:0] is Driver IC Part number ID. (The code be define by Driver IC Vender)
-The 4th & 5th parameter ID43[7:0] & ID44[7:0] are Driver IC version ID.
Default
Status
Default Value
ID41[7:0]
ID42[7:0]
ID43[7:0]
ID44[7:0]
Power On Sequence
03h
20h
01h
00h
S/W Reset
03h
20h
01h
00h
H/W Reset
03h
20h
01h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com