Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 141 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 141 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 159 page
background image
ST7713
Ver 1.6
2008-05
141
10.2.21 GMCTRP1 (E0h): Gamma (‘+’polarity) Correction Characteristics Setting
E0H
GMCTRP0 (Gamma ‘+’polarity Correction Characteristics Setting)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
GMCTRP1
0
↑
1
-
1
1
1
0
0
0
0
0
(E0h)
1
st Parameter
1
↑
1
-
-
-
-
-
RFP3 RFP2 RFP1 RFP0
2
nd Parameter
1
↑
1
-
-
-
-
PKP04 PKP03 PKP02 PKP01 PKP00
3
rd Parameter
1
↑
1
-
-
-
-
PKP14 PKP13 PKP12 PKP11 PKP10
4
th Parameter
1
↑
1
-
-
-
-
PKP24 PKP23 PKP22 PKP21 PKP20
5
thParameter
1
↑
1
-
-
-
-
PKP34 PKP33 PKP32 PKP31 PKP30
6
th Parameter
1
↑
1
-
-
-
-
PKP44 PKP43 PKP42 PKP41 PKP40
7
th Parameter
1
↑
1
-
-
-
-
-
PKP53 PKP52 PKP51 PKP50
8
th Parameter
1
↑
1
-
-
-
-
-
PKP63 PKP62 PKP61 PKP60
9
th Parameter
1
↑
1
-
-
-
-
-
PKP73 PKP72 PKP71 PKP70
10
th Parameter
1
↑
1
-
-
-
-
-
PKP83 PKP82 PKP81 PKP80
11
th Parameter
1
↑
1
-
-
-
-
RFP14 RFP13 RFP12 RFP11 RFP10
12
th Parameter
1
↑
1
-
-
-
-
OSP14 OSP13 OSP12OSP11 OSP10
13
th Parameter
1
↑
1
-
-
-
-
-
OSP3 OSP2 OSP1 OSP0
NOTE: “-“ Don’t care
Description
Negative Polarity
Set-up Contents
RFP[3:0]
The voltage of V0 grayscale is selected by the variable resistor
PKP0[4:0]
The voltage of V3 grayscale is selected by the 32 to 1 selector
PKP1[4:0]
The voltage of V6 grayscale is selected by the 32 to 1 selector
PKP2[4:0]
The voltage of V11 grayscale is selected by the 32 to 1 selector
PKP3[4:0]
The voltage of V20 grayscale is selected by the 32 to 1 selector
PKP4[4:0]
The voltage of V31 grayscale is selected by the 32 to 1 selector
PKP5[3:0]
The voltage of V43 grayscale is selected by the 16 to 1 selector
PKP6[3:0]
The voltage of V52 grayscale is selected by the 16 to 1 selector
PKP7[3:0]
The voltage of V57 grayscale is selected by the 16 to 1 selector
PKP8[3:0]
The voltage of V60 grayscale is selected by the 16 to 1 selector
RFP1[4:0]
The voltage of V1 grayscale is selected by the variable resistor
OSP1[4:0]
The voltage of V62 grayscale is selected by the variable resistor
OSP[3:0]
The voltage of V63 grayscale is selected by the variable resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com