Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 144 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 144 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 159 page
background image
ST7713
Ver 1.6
2008-05
144
11. Power structure
11.1. Driver IC Operating voltages Specification
Remark
1. AVDD supply to all power source (exclude VGH, VGL)
2. Source output range: 0.1V ~ AVDD-0.1V
3. Linear Range: 0.2V ~ AVDD-0.2V (For all output voltage, but exclude VGH, VGL)
4. Above operating voltages is min range.
Fig. 11.1.1 Power Booster Level
VDD=(2.5V~3.3V)
AGND=0V
VGH (9.4V ~ 16.1V)
AVDD (4.95V ~ 6V)
GVDD (3.0V ~ 5.0V)
VCOMH (2.5V ~ 5.0V)
VCOML (-2.5V ~ 0.0V)
VCL (-2.5V ~ -2.9V)
VGL (-13.4V ~ -7.05V)
AVDD
Charge Pump
Reference Voltage
Internal
Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com