Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 147 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 147 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 159 page
background image
ST7713
Ver 1.6
2008-05
147
12. Gamma structure
12.1 STRUCTURE OF GRAYSCALE AMPLIFIER
The structure of grayscale amplifier is shown as below. 13 voltage levels (VIP(N)0-VIP(N)12) between GVDD and VGS are
determined by the high/ mid/ low level adjustment registers.
Positive Frame
Negative Frame
184R
GVDD
0~3
0R
RFP0[3:0]
0~1
24R
RFP1[4:0]
PKP0[4:0]
PKP1[4:0]
PKP2[4:0]
PKP3[4:0]
PKP4[4:0]
PKP5[3:0]
PKP6[3:0]
PKP7[3:0]
PKP8[3:0]
41 Bits
0~1
24R
OSP1[4:0]
0~3
0R
OSP0[3:0]
30R
V0
V1
V3
V6
V11
V20
V31
V43
V52
V57
V60
V62
V63
RL
VRH0: 2R for each step
VRH1: 4R for each step
VRL1: 4R for each step
VRL0: 2R for each step
184R
GVDD
0~3
0R
RFN0[3:0]
0~1
24R
RFN1[4:0]
PKN0[4:0]
PKN1[4:0]
PKN2[4:0]
PKN3[4:0]
PKN4[4:0]
PKN5[3:0]
PKN6[3:0]
PKN7[3:0]
PKN8[3:0]
41 Bits
0~1
24R
OSN1[4:0]
0~3
0R
OSN0[3:0]
30R
V63
V62
V1
V0
V60
V57
V52
V43
V31
V20
V11
V6
V3
RH
VRH0: 2R for each step
VRH1: 4R for each step
VRL1: 4R for each step
VRL0: 2R for each step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com