Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 146 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 146 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 159 page
background image
ST7713
Ver 1.6
2008-05
146
11.2.2 EXTERNAL COMPONENTS CONNECTION
Pad Name
Connection
Rated (Min)
Voltage
Typical
capacitance value
VDDI
VDDI (Logic Power)
10.0V
1.0 uF
VDD
VDD (Analog Power)
10.0V
1.0 uF
VCC
Connect to Capacitor (Max 3V): VCC -------||-------- GND
10.0V
1.0 uF
AGND
Analog ground (Connect to GND)
DGND
Digital ground (Connect to GND)
C23P, C23N
Connect to Capacitor: C23P -------||--------C23N
25.0V; 16.0V*
1.0 uF
C22P, C22N
Connect to Capacitor: C22P -------||--------C22N
25.0V; 16.0V*
1.0 uF
C21P, C21N
Connect to Capacitor: C21P -------||--- -----C21N
10.0V
1.0 uF
C12P, C12N
Connect to Capacitor: C12P -------||--------C12N
10.0V
1.0 uF
C11P, C11N
Connect to Capacitor: C11P -------||--------C11N
10.0V
1.0 uF
AVDD
Connect to Capacitor: AVDD -------||-------- GND
10.0V
1.0 uF
VCI1
Connect to Capacitor: AVDD -------||-------- GND
10.0V
1.0 uF
VGH
Connect to Capacitor: VGH -------||-------- GND
25.0V; 16.0V*
1.0 uF
VGL
Connect to Capacitor: VGL -------||-------- GND
25.0V; 16.0V*
1.0 uF
VCL
Connect to Capacitor: VCL -------||-------- GND
10.0V
1.0 uF
VREF
Connect to Capacitor: VREF -------||-------- GND
10.0V
1.0 uF
GVDD
Connect to Capacitor: GVDD -------||-------- GND
10.0V
1.0 uF
VCOMH
Connect to Capacitor: VCOMH-------||--------- GND
10.0V
1.0 uF
VCOML
Connect to Capacitor: VCOML -------||-------- GND
10.0V
1.0 uF
VGL
Connect to Schottky diode: VGL ------.|------- GND
30V
Schottky diode
Note: For the typical specification of capacitor, the surge voltage is 125% of rated voltage. The capacitor of
rated voltage of 16V can be only used for the case of VGH < 12.8V and VGL > -12.8V to prevent from
stability issue. For normal usage, please use the capacitor of 25V rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com