Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 148 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 148 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 159 page
background image
ST7713
Ver 1.6
2008-05
148
12.2 Gamma voltage formular (Positive/Negative polarity)
Gray Level
Voltage Formula (Positive)
Voltage Formula (Negative)
0
VINP0
VINN0
1
VINP1
VINN1
2
V1-(V1-V3)*(16/30)
V1-(V1-V3)*(18/30)
3
VINP2
VINP(N)2
4
V3-(V3-V6)*(11/30)
V3-(V3-V6)*(12/30)
5
V3-(V3-V6)*(21/30)
V3-(V3-V6)*(22/30)
6
VINP3
VINN3
7
V6-(V6-V11)*(7/30)
V6-(V6-V11)*(7/30)
8
V6-(V6-V11)*(14/30)
V6-(V6-V11)*(13/30)
9
V6-(V6-V11)*(20/30)
V6-(V6-V11)*(19/30)
10
V6-(V6-V11)*(25/30)
V6-(V6-V11)*(25/30)
11
VINP4
VINN4
12
V11-(V11-V20)*(4/30)
V11-(V11-V20)*(4/36)
13
V11-(V11-V20)*(8/30)
V11-(V11-V20)*(8/36)
14
V11-(V11-V20)*(12/30)
V11-(V11-V20)*(12/36)
15
V11-(V11-V20)*(16/30)
V11-(V11-V20)*(16/36)
16
V11-(V11-V20)*(19/30)
V11-(V11-V20)*(20/36)
17
V11-(V11-V20)*(22/30)
V11-(V11-V20)*(24/36)
18
V11-(V11-V20)*(25/30)
V11-(V11-V20)*(28/36)
19
V11-(V11-V20)*(28/30)
V11-(V11-V20)*(32/36)
20
VINP5
VINN5
21
V20-(V20-V31)*(3/30)
V20-(V20-V32)*(3/36)
22
V20-(V20-V31)* (6/30)
V20-(V20-V32)*(6/36)
23
V20-(V20-V31)* (9/30)
V20-(V20-V32)*(9/36)
24
V20-(V20-V31)* (12/30)
V20-(V20-V32)*(12/36)
25
V20-(V20-V31)* (15/30)
V20-(V20-V32)*(15/36)
26
V20-(V20-V31)* (18/30)
V20-(V20-V32)*(18/36)
27
V20-(V20-V31)* (21/30)
V20-(V20-V32)*(21/36)
28
V20-(V20-V31)* (23/30)
V20-(V20-V32)*(24/36)
29
V20-(V20-V31)* (25/30)
V20-(V20-V32)*(27/36)
30
V20-(V20-V31)* (27/30)
V20-(V20-V32)*(30/36)
31
VINP6
V20-(V20-V32)*(33/36)
32
V31-(V31-V43)*(3/36)
VINN6
33
V31-(V31-V43)*(6/36)
V32-(V32-V43)*(3/30)
34
V31-(V31-V43)*(9/36)
V32-(V32-V43)*(5/30)
35
V31-(V31-V43)*(12/36)
V32-(V32-V43)*(7/30)
36
V31-(V31-V43)*(15/36)
V32-(V32-V43)*(9/30)
37
V31-(V31-V43)*(18/36)
V32-(V32-V43)*(12/30)
38
V31-(V31-V43)*(21/36)
V32-(V32-V43)*(15/30)
39
V31-(V31-V43)*(24/36)
V32-(V32-V43)*(18/30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com