Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 152 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 152 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 159 page
background image
ST7713
Ver 1.6
2008-05
152
13.2 Application of connection with 132RGBx132 resolution (GM1, GM0 = “10”)
RAM size=132x132x18-bit Display size = 132RGB x 132
1). Example for SMX=SMY=’0’
1st pixel
(0, 0)
2). Example for SMX=SMY=’1’
1st pixel
(0, 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com