Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 154 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 154 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 159 page
background image
ST7713
Ver 1.6
2008-05
154
13.3.1.3 8080-Series MCU Interface for 9-bit data bus (IM1, IM0=”10”)
13.3.1.4 8080-Series MCU Interface for 18-bit data bus (IM1, IM0=”11”)
Note:
RCM = ‘0x’
IM2=’0’, SPI I/F
IM2=’1’, MCU I/F
DGND
Host
ST7713
RESX
TE
D/CX(SCL)
WRX(R/WX)
RDX(E)
D7 to D1
D0
“0”
“11”
IM2
RESX
TE
SCL
SDA
D/CX
WRX
RDX
D7 to D1
D0
D17 to D8
P68
IM1,IM0
IM2
VS, HS, DE
PLCK
Fig. 13.3.1.4 8080-Series MCU Interface for 18-bit data bus
D17 to D8
Note:
RCM = ‘0x’
IM2=’0’, SPI I/F
IM2=’1’, MCU I/F
DGND
Host
ST7713
RESX
TE
D/CX(SCL)
WRX(R/WX)
RDX(E)
D8 to D1
D0
“0”
“0”
“0”
“10”
IM2
RESX
TE
SCL
SDA
D/CX
WRX
RDX
D8 to D1
D0
D15 to D9
D17 to D16
P68
IM1,IM0
IM2
VS, HS, DE
PLCK
Fig. 13.3.1.3 8080-Series MCU Interface for 9-bit data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com